PART |
Description |
Maker |
MF601G2-02BJXX MF6512M-02BJXX MF6128M-02BJXX MF664 |
2.5" Flash Drive IDE ATA 44-pin 1,219,534,848 bytes (memory) flash drive
|
Mitsubishi Electric Corporation
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
ADUC832BCP ADUC832BS |
MicroConverter/ 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PQFP52
|
Analog Devices, Inc.
|
JS28F128J3D-75 JS28F320J3D-75 |
Numonyx Embedded Flash Memory
|
Intel Corporation
|
HMS39C7092 |
Embedded Flash MCU [ARM7CoreBaseSolutionProduct]
|
HYNIX[Hynix Semiconductor]
|
PC28F128M29EWHF PC28F128M29EWHX PC28F128M29EWLX PC |
Parallel NOR Flash Embedded Memory
|
Micron Technology
|
M29W256GL M29W256GH |
Parallel NOR Flash Embedded Memory
|
Micron Technology
|
PC28F128J3F75A RC28F128J3F75A JS28F640J3F75A |
Numonyx? Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC) Numonyx? Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
|
Micron Technology
|
SM8958 SM8958C25 SM8958C40 SM8958C25P |
8-bit Micro-controller with 32K Flash embedded
|
Electronic Theatre Controls, Inc. N.A. ETC[ETC]
|
M25PX64-VME6G M25PX64-VMF |
Micron M25PX64 Serial Flash Embedded Memory
|
Micron Technology
|